Part Number Hot Search : 
GP20A C5200 UTT60P03 2SK184 SC440 NCV33 LBS14 LA6517
Product Description
Full Text Search
 

To Download LSML-160808-82NK-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Multilayer Chip Inductor
Dimensions
(LSML-160808 Se-
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
0.3 0.2 1.6 0.15 0.80 0.15
0.3 0.2
(Not to scale)
0.80 0.15
Dimensions in mm
Part Numbering Guide
LSML - 160808 - 47N M - T
Dimensions
(Length, Width, Height)
Packaging Style
B=Bulk T=Tape & Reel (4000 pcs per reel)
Inductance Code
Tolerance
K=10%, M=20%
Features
Inductance Range Tolerance Operating Temperature 0.047 H to 22 H 10%, 20% -25C to +85C
Electrical Specifications
Inductance Code
47N 68N 82N R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150 180 220
Inductance (H)
0.047 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22
Available Tolerance
M M M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M
Q Min
30 30 30 40 40 40 40 40 40 40 40 40 40 40 40 35 35 35 35 35 35 35 35 35 35 35 35 30 30 20 20 20
LQ Test Freq (MHz)
50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4 4 4 2 2 1 1 1
SRF Min (MHz)
260 250 245 240 205 180 165 150 136 125 110 105 95 90 85 75 65 60 55 50 45 40 35 33 22 20 18 17 15 14 13 11
DCR Max (Ohms)
0.30 0.30 0.30 0.50 0.50 0.60 0.60 0.80 0.80 0.85 1.00 1.35 1.55 1.70 2.10 0.60 0.80 0.80 0.95 1.15 1.35 1.55 1.70 2.10 1.55 1.70 2.10 1.85 2.10 1.70 1.85 2.10
IDC Max (mA)
50 50 50 50 50 50 50 50 50 35 35 35 35 35 35 25 25 25 25 15 15 15 15 15 5 5 5 3 3 1 1 1
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of LSML-160808-82NK-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X